Part Number Hot Search : 
15D120KG KAS0712 MB4107A OH1881 ADC08 ENA0972 P3000 FJ256
Product Description
Full Text Search
 

To Download 2N4918 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product specification www.jmnic.com silicon pnp power transistors 2N4918 2n4919 2n4920 description ? ? with to-126 package ? complement to type 2n4921,2n4922 2n4923 ? excellent safe operating area ? low collector-emitter saturation voltage applications ? for driver circuits ,switching ,and amplifier applications pinning pin description 1 emitter 2 collector;connected to mounting base 3 base absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit 2N4918 -40 2n4919 -60 v cbo collector-base voltage 2n4920 open emitter -80 v 2N4918 -40 2n4919 -60 v ceo collector-emitter voltage 2n4920 open base -80 v v ebo emitter-base voltage open collector -5 v i c collector current -1 a i cm collector current-peak -3 a i b base current -1 a p d total power dissipation t c =25 ?? 30 w t j junction temperature 150 ?? t stg storage temperature -65~150 ?? thermal characteristics symbol parameter value unit r th j-c thermal resistance junction to case 4.16 ?? /w jmnic
product specification www.jmnic.com jmnic silicon pnp power transistors 2N4918 2n4919 2n4920 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit 2N4918 -40 2n4919 -60 v ceo collector-emitter sustaining voltage 2n4920 i c =-0.1a; i b =0 -80 v v cesat collector-emitter saturation voltage i c =-1.0a ;i b =-0.1a -0.6 v v besat emitter-base saturation voltage i c =-1.0a ;i b =-0.1a -1.3 v v be emitter-base on voltage i c =-1a ; v ce =-1v -1.3 v 2N4918 v ce =-20v; i b =0 2n4919 v ce =-30v; i b =0 i ceo collector cut-off current 2n4920 v ce =-40v; i b =0 -0.5 ma i cbo collector cut-off current v cb = rated v cbo ;i e =0 -0.1 ma i cex collector cut-off current v ce = rated v ceo ; v be(off) =1.5v t c =125 ?? -0.1 -0.5 ma i ebo emitter cut-off current v eb =-5v; i c =0 -1.0 ma h fe-1 dc current gain i c =-50ma ; v ce =-1v 40 h fe-2 dc current gain i c =-500ma ; v ce =-1v 30 150 h fe-3 dc current gain i c =-1a ; v ce =-1v 10 f t transition frequency i c =-250ma ; v ce =-10v;f=1mhz 3.0 mhz c ob output capacitance f=100khz ; v cb =-10v;i e =0 100 pf
product specification www.jmnic.com jmnic silicon pnp power transistors 2N4918 2n4919 2n4920 package outline fig.2 outline dimensions


▲Up To Search▲   

 
Price & Availability of 2N4918

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X